PART |
Description |
Maker |
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
RX-2405S RY-2424S RX-0505D RX-0505S RX-0509D RX-05 |
1 Watt SIP7 & DIP14 Single & Dual Output 1瓦特SIP7 4P5W 100A 347/600V PIN&SLEEVE PLUG RoHS Compliant: Yes 1 WATT SIP7 & DIP14 SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP-93.3S RP RP-0505D RP-0505S RP-0509D RP-0509S RP |
CAP Tantalum-Wet Miniature 6V 75.0 uF /-20% Silver can Axial , TPC - Hilton 1瓦特SIP7 SIP7 TV 29C 29#16 SKT WALL RECP 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
RP40-1212SG RP40-121.8SG RP40-122.5SG RP40-121.5SG |
40 Watt Single, Dual, Positive Dual & Triple Output 40瓦单,双,正 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Wire Size (AWG):26 RoHS Compliant: No D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Mounting Type:Jackscrew; Wire Size (AWG):26 40 Watt Single, Dual, Positive Dual & Triple Output 40 Watt Single Dual Positive Dual & Triple Output DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MHI100DI5.7 MHI115S-12DI5.7 MHI115S-03DI5.7 MHI115 |
High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
R12P23.3D R09P23.3D R05P212D R09P205D R09P205S R09 |
2 Watt SIP 7 Single & Dual Output 2 Watt SIP 7 Single & Dual Output 2瓦特的SIP 7
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RSS-3.31.8 RSS-1.81.8 RSS-051.8 RSS-3.33.3 RSS-050 |
1 Watt SMD Single & Dual Output 1瓦特贴片 1 Watt SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP-3.324SP RP-0505D RP-0505DP RP-0505S RP-0505SP R |
1 Watt SIP 7 Single & Dual Output 1瓦特的SIP 7 1 Watt SIP 7 Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power] RECOM Power Inc. http://
|
74ALVC164245NBSP 74ALVC164245DL AC164245DL 74ALVC1 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 16-bit dual supply translating transciever; 3-state 16-bit dual supply translating transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|